PART |
Description |
Maker |
EP4SGX180DF29I3N EP4SGX360KF40C4N |
Stratix IV Device Handbook Volume 4: Device Datasheet and Addendum Device Datasheet and Addendum for Stratix IV Devices
|
Altera Corporation
|
EP2S30XXX EP2S15XXX EP2S130XXX EP2S90XXX EP2S180XX |
(EP2Sxxx) Stratix II Device Family
|
Altera
|
EP1S30F780C6 EP1S30F780C8N EPS25F1508C6ES EPS25F15 |
Stratix Device Handbook, Volume 1 Stratix Device Handbook, Volume 1
|
Altera Corporation
|
EP4SE530H35C4N |
FPGA - Field Programmable Gate Array FPGA - Stratix IV E 21248 LABs 744 IOs
|
Altera, Corp.
|
ST3237 ST3237BD ST3237BDR ST3237BPR ST3237BTR ST32 |
3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY Stratix FPGA 10K FBGA-672
|
STMicroelectronics ST Microelectronics
|
ST203SSERIES 2674 ST203S10PFJ0 ST203S12PFJ0 ST203S |
Silicon Controlled Rectifier, 320 A, 1000 V, SCR, TO-209AB 1200V 320A Inverter Thyristor in a TO-209AB (TO-93) package 1000V 320A Inverter Thyristor in a TO-209AB (TO-93) package From old datasheet system INVERTER GRADE THYRISTORS Stratix II GX FPGA 130K FPGA-40 1000V20逆变晶闸管采用TO - 209AB(到93)封
|
Vishay Semiconductors International Rectifier
|
YQM0505-FEC YCMPB0507-FEC YCMPB0406-FEC |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No MAX 3000A CPLD 256 MC 144-TQFP Stratix II FPGA 180K FBGA-1020 连接5MM/PG29
|
TE Connectivity, Ltd.
|